Part Number Hot Search : 
M7248 EL827 CT520 S5L1462B MXTK92T D78064 102K63 PD1600
Product Description
Full Text Search
 

To Download LCB716 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LCB716
Single Pole OptoMOS(R) Relay
Parameter Load Voltage Load Current Max On-resistance
Rating 60 500 2
Units VP mA
Description
LCB716 is a 1-Form-B solid state relay that uses optically coupled relay technology to provide an enhanced 3750Vrms isolation barrier between the input and the output of the relay. The efficient MOSFET switches use Clare's patented OptoMOS architecture. The optically coupled output is controlled by a highly efficient GaAlAs infrared LED.
Features
* Small 6-Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750Vrms Input/Output Isolation * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Tape & Reel, Surface Mount Version Available
Approvals
* UL Recognized Component: File # E76270
Ordering Information
Part # LCB716 LCB716S LCB716STR Description 6-Pin DIP (50/Tube) 6-Pin Surface Mount (50/Tube) 6-Pin Surface Mount (1000/Reel)
Applications
* * * * * * * * * * * Sensor Circuitry Instrumentation Multiplexers Data Acquisition Electronic Switching I/O Subsystems Meters (gas, oil, electric and water) Medical Equipment-Patient/Equipment Isolation Security Aerospace Industrial Controls
Pin Configuration
AC/DC Configuration 1 2 3 6 5 4
+ Control - Control Do Not Use
Load Do Not Use Load
DC Only Configuration 1 2 3 6 5 4
+ Control - Control Do Not Use
+ Load - Load
Switching Characteristics of Normally Closed (Form B) Devices
CONTROL
+
ILOAD
90% TON
+10% TOFF
Pb
RoHS
2002/95/EC
e3
www.clare.com 1
DS-LCB716-R01
LCB716
Absolute Maximum Ratings
Parameter Blocking Voltage Reverse Input Voltage Input Control Current Peak (10ms) Input Power Dissipation 1 Total Power Dissipation 2 Isolation Voltage, Input to Output Operational Temperature Storage Temperature
1 2
Ratings 60 5 50 1 100 800 3750 -40 to +85 -40 to +125
Units VP V mA A mW mW Vrms C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical absolute maximum ratings are at 25C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current AC/DC Configuration, Continuous DC Configuration, Continuous Peak On-Resistance AC/DC Configuration DC Configuration Off-State Leakage Current Output Capacitance Switching Speeds Turn-On Turn-Off Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Current Common Characteristics @ 25C Capacitance, Input to Output Conditions Symbol Min Typ Max Units
t < 10ms IL=500mA IL=1000mA IF=2mA, VL=60V IF=2mA, 50V, f=1MHz IF=5mA, VL=10V IL=500mA IF=5mA VR=5V -
IL ILPK RON ILEAK COUT tON tOFF IF IF VF IR CI/O
0.1 0.9 -
1.63 0.4 280 0.58 0.76 1.2 3
500 1000 1.2 2 0.5 1 3 3 2 1.4 10 -
mA A A pF
ms
mA mA V A pF
2
www.clare.com
R01
LCB716
PERFORMANCE DATA*
Typical LED Forward Voltage Drop (N=50, TA=25C, IF=5mA) Typical On-Resistance (N=50, TA=25C, IL=5mA, IF=0mA)
20
30 25 Device Count (N)
20
Typical Blocking Voltage (N=50, TA=25C, IF=2mA)
Device Count (N)
Device Count (N) 1.49 1.53 1.57 1.61 1.65 On-Resistance () 1.69
15
15
20 15 10 5 0 1.220 1.225 1.230 1.235 1.240 1.245 LED Forward Voltage Drop (V)
10
10
5
5
0
0 75 76 77 78 79 Blocking Voltage (VP) 80
25 20 15 10 5 0
Typical IF for Switch Operation (N=50, TA=25C, IL=200mA)
20
Typical Turn-On Time (N=50, TA=25C, IL=100mA, IF=5mA)
25 20 15 10 5 0
Typical Turn-Off Time (N=50, TA=25C, IL=100mA, IF=5mA)
Device Count (N)
Device Count (N)
15
10
5
0.16
0.17
0.18
0.19
0.20
0.21
0 0.507 0.530 0.553 0.576 0.599 Turn-On Time (ms) 0.622
Device Count (N)
0.63
0.67
LED Forward Current (mA)
0.71 0.75 0.79 Turn-Off Time (ms)
0.83
0.6 0.5 Load Current (A) 0.4 0.3 0.2 0.1 0.0
Typical Load Current vs. Temperature (IF=0mA)
Leakage Current (nA)
350 300 250 200 150 100 50 0 -40
Typical Leakage vs.Temperature Measured Across Pins 7&8 (IF=5mA, VL=60V)
Blocking Voltage (VP)
94 92 90 88 86 84 82
Typical Blocking Voltage vs. Temperature (IF=5mA)
-40
-20
0
20 40 60 Temperature (C)
80
100
-20
0
20 40 60 Temperature (C)
80
100
80 -40
-20
0
20 40 60 Temperature (C)
80
100
800 700 Turn-On Time (s)
Typical Turn-On vs. Temperature (IL=100mA)
Turn-Off Time (ms)
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5
Typical Turn-Off vs. Temperature (IL=100mA)
423 422
Typical Turn-On vs. LED Forward Current (IL=100mA)
600 500 400 300 200 100 -40 -20 0 IF=5mA IF=2mA
IF=2mA
Turn-On Time (s) 100
421 420 419 418 417
IF=5mA
20 40 60 Temperature (C)
80
100
-40
-20
0
20 40 60 Temperature (C)
80
0
10 20 30 40 LED Forward Current (mA)
50
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
R01
www.clare.com
3
LCB716
PERFORMANCE DATA*
Typical Turn-Off vs. LED Forward Current (IL=100mA)
On-Resistance ()
2.5 Turn-Off Time (ms) 2.0 1.5 1.0 0.5 0
1.8 1.7 1.6 1.5 1.4 1.3 1.2
Typical On-Resistance vs. Temperature (IL=100mA, IF=0mA)
0.40 0.35 LED Current (mA) 0.30 0.25 0.20 0.15 0.10 -40
Typical IF for Switch Operation vs. Temperature (IL=100mA)
0
10
20
30
40
50
1.1 -40
-20
0
LED Forward Current (ma)
20 40 60 Temperature (C)
80
100
-20
0
20
40
60
80
100
Temperature (C)
0.6 0.4 Load Current (A) 0.2 0.0 -0.2 -0.4
Typical Load Voltage vs. Load Current (TA=25C, IF=0mA)
1-Form-B Relay Energy Rating Curve
1.5 1.3 Load Current (A) 1.1 0.9 0.7 0.5
-0.6 -1.0 -0.8 -0.5 -0.3 0.0 0.3 0.5 Load Voltage (V)
0.8
1.0
0.3 10s 100s 1ms 10ms 100ms Time
1s
10s
100s
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
R01
LCB716
Manufacturing Information
Soldering For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
Pb
RoHS
2002/95/EC
e3
MECHANICAL DIMENSIONS
6-Pin DIP Thru-Hole Package
8.382 0.381 (0.330 0.015)
PC Board Pattern
2.54 0.127 (0.100 0.005)
7.239 TYP (0.285 TYP)
6 - 0.800 DIA. (6 - 0.031 DIA.)
2.540 0.127 (0.100 0.005) 7.620 0.127 (0.300 0.005)
6.350 0.127 (0.250 0.005)
9.144 0.508 (0.360 0.020)
1.651 0.254 (0.065 0.010)
7.620 0.254 (0.300 0.010)
0.254 TYP (0.010 TYP)
6.350 0.127 (0.250 0.005)
5.080 0.127 (0.200 0.005)
3.302 0.051 (0.130 0.002)
4.064 TYP (0.160 TYP) 0.457 0.076 (0.018 0.003)
Dimensions mm (inches)
6-Pin Surface Mount Package ("S" Suffix)
8.382 0.381 (0.330 0.015) 0.635 0.127 (0.025 0.005) 2.54 0.127 (0.100 0.005)
Recommended PCB Land Pattern
2.54 (0.10)
9.524 0.508 (0.375 0.020)
6.350 0.127 (0.250 0.005) 7.620 0.254 (0.300 0.010)
1.65 (0.0649)
8.90 (0.3503)
0.457 0.076 (0.018 0.003) 1.651 0.254 (0.065 0.010)
0.254 0.0127 (0.010 0.0005)
0.65 (0.0255)
4.445 0.254 (0.175 0.010) 3.302 0.051 (0.130 0.002)
Dimensions mm (inches)
R01
www.clare.com
5
LCB716
MECHANICAL DIMENSIONS
Tape and Reel Packaging for 6-Pin "S" Suffix Parts
330.2 Dia (13.00 Dia) Top Cover Tape Thickness 0.102 Max (0.004 Max) Top Cover Tape K0 = 4.90 (0.19) K1 = 3.80 (0.15)
Embossed Carrier
W = 16.00 MAX (0.63 MAX) B0 = 10.10 (0.400)
P = 12.00 (0.472)
A0 = 10.10 (0.400)
User Direction of Feed
Dimensions mm (inches)
Embossment
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice. Specification: DS-LCB716-R01 (c)Copyright 2008, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 7/30/08
6


▲Up To Search▲   

 
Price & Availability of LCB716

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X